PART |
Description |
Maker |
RFP-60-50TPR-S |
0 MHz - 6000 MHz RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-1 Flanged Termination 60 Watts, 50Ohms
|
Anaren, Inc. Anaren Microwave
|
RFP-150-50TCGF-S |
0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT, CERAMIC, FM-1 Full Flange Termination 150 Watts, 50Ohms
|
Anaren, Inc. Anaren Microwave
|
74ABT2241 74ABT2241D 74ABT2241DB 74ABT2241N 74ABT2 |
Power Supply ABT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal buffer with 30 series termination From old datasheet system Octal buffer with 30ohm series termination resistors; 3-State Octal buffer with 30 Ohm series termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVT162244B 74LVT162244BDGG 74LVT162244BDL 74LVT1 |
3.3V 16-bit buffer/driver with 30 termination resistors 3.3 V 16-bit buffer-driver with 30 Ohm termination resistors 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 From old datasheet system 3.3V 16-bit buffer/driver with 30ohm termination resistors 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVTH322245EC 74LVTH322245 74LVTH322245EC518 74LV |
3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tray Dry Pack, Bakeable, Multiple 3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tape reel smd LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
|
NXP Semiconductors N.V.
|
55917-3810 55917-1010 55917-1610 |
2.0 WtB Dual Conn Dip Plg Hsg Assy 38Ckt 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Multipole Connector; No. of Contacts:10; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes Multipole Connector; No. of Contacts:16; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
NB7L32M NB7L32MMNG NB7L32MMNR2G |
2.5V/3.3V, 14GHz 梅2 Clock Divider w/CML Output and Internal Termination(w/CML杈??????ㄧ?绔??2.5V/3.3V, 14GHz 梅2?堕?????? 2.5V/3.3V, 14GHz ÷2 Clock Divider w/CML Output and Internal Termination(w/CML输出和内部终端,2.5V/3.3V, 14GHz ÷2时钟分频 From old datasheet system 2.5V/3.3V, 14GHz ±2 Clock Divider w/CML Output and Internal Termination
|
ONSEMI[ON Semiconductor]
|
74LVC162245A 74LVCH162245A 74LVC162245ADGG 74LVC16 |
16-bit bus transceiver with direction pin;with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω串联终端电阻器具有定向引脚的5V输入/输出容限6位总线收发器(三态)) 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 30 Ohm series termination resistors, 5 V input/outputs tolerant (3-State)
|
Philips Semiconductors
|
RFP-1500-19-50 RFP-1500-9-50 |
1930 MHz - 1990 MHz 50 ohm RF/MICROWAVE TERMINATION 925 MHz - 960 MHz 50 ohm RF/MICROWAVE TERMINATION
|
Anaren, Inc. ANAREN INC
|
PFC-W1206HFLF-03-50R0-F PFC-W1206HFLF-03-50R0-G PF |
High Frequency Chip Resistor Terminators 0 MHz - 6000 MHz 50 ohm RF/MICROWAVE TERMINATION 0 MHz - 6000 MHz 75 ohm RF/MICROWAVE TERMINATION
|
IRC - a TT electronics Company. INTERNATIONAL RESISTIVE CO INC
|